Part Number Hot Search : 
CVA2411 B3150A 1236A MB90947A 7C51RA4A T1011 MC33182D A66170SP
Product Description
Full Text Search
 

To Download BUS-63100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the BUS-63100 transceivers are complete transmitter and receiver pairs conforming fully to mil-std- 1553a and 1553b. features available with selected models of this high reli- ability series include: smiths and harris interface type choices, +12 v/+15 v power supply voltage range, variable threshold levels, and single (24-pin ddip or square) and completely independent dual redun- dant (36-pin ddip) packaging config- urations. all models are also available in flat packs. the receiver section of the bus- 63100 series accepts phase-modula- ted bipolar data from a mil-std-1553 data bus and produces ttl signal data at its outputs: rx data out and rx data out. these outputs repre- sent positive and negative variations of the input data signals beyond an internally fixed or externally set threshold level. an external strobe input enables or disables the receiver outputs. the transmitter section accepts bipo- lar ttl signal data at its tx data and tx data input lines and produces phase modulated bipolar data at the tx data and tx data outputs. the transmitters output voltage level is typically 28 vpp to 30 vpp. an exter- nal input, inhibit, takes priority over the transmitter inputs and disables the transmitter when activated with a logic 1. the small size and different model capabilities available with the BUS-63100 series simplify engineer- ing design, making it an excellent choice for interfacing with any mil-std-1553 system. description features ? conforms fully to mil-std-1553a and 1553b ? some models available to military (desc) drawings ? model capabilities: single or dual redundant packaging -12 v/-15 v power supply voltage range available harris or smiths i/o compatibility ? small size: single C 24-pin ddip or square dual C 36-pin ddip flat packs ? low power ? high reliability C lsi v +5 v receiver strobe bi phase ttl data rx data rx data decoder comparator comparator filter receiver section limiter transmitter section driver driver shaping network shaping network phase modulated bipolar data rx data in rx data in tx data out tx data out short or long stub coupling isolation transformer 1553 data bus tx data in tx data in encoder tx inhibit figure 1. BUS-63100 block diagram bus-63102 bus-63105 bus-63125 ddc custom monolithics utilized in this product are copyright under the semiconductor chip protection act. m BUS-63100 series mil-std-1553 data bus single and dual transceivers www.datasheet.co.kr datasheet pdf - http://www..net/
general the BUS-63100 series offers complete transmitter and receiver pairs packaged in either single or dual redundant form which are designed for use in any mil-std-1553 application. figure 1 shows a BUS-63100 series transceiver connected to a mil-std 1553 data bus. once transformer isolated, coupling to a mil-std-1553 data bus can be either short stub (direct) or long (transformer). figure 2 shows the different configurations and lists the recommended ddc transformer bus product for use with each model. transceiver capabilities ddcs BUS-63100 series of transceivers offer a wide range of capabilities (on selected models), which include power supply voltage levels, packaging configurations, smiths or harris type encode/decoder direct compatibility, and internal (pre-set) and/or external (adjustable) threshold levels. the capabilities of the different models are described in the paragraphs which fol- low and are summarized in table 1. power supply voltages power supply voltage requirements on the bus-63102 and bus-63104 are met over a range from 12 v to 15 v. all mod- els operate with either -12 v or -15 v supplies. all models require a + 5 v supply. refer to table 1. packaging configurations single transceivers, bus-63102 and bus-63104 are packaged in 24 pin square packages, all other single transceivers are packaged in 24 pin ddip. dual transceivers are packaged in 36 pin ddips. encoder/decoder compatibility bus-63105, bus-63107, bus-63125 and bus-63127 are directly compatible to harris 15530 type encoder/decoders. all other transceivers are directly compatible to smiths type. transceivers which are directly comparible with one type can be converted for use with the other by simply switching the output lines, rx data and rx data, and inverting their signals by means of external inverting gates. waveforms all transceivers conform fully to mil-std-1553 requirements. additionally, bus-63102 conforms to macair standards, pro- ducing sinusoidal waveforms at 1 mhz. threshold levels all models offer internal (factory preset) threshold levels. additionally, bus-63102 and bus-63104 offer externally set threshold levels. these external threshold levels are adjustable from 0 v to 2 v, with the use of two external 10 kohm poten- tiometers; see figure 5. 2 bus-63135 ? ? ? ? ? bus-63136 bus-63137 ? ? ? ? ? bus-63138 12 vdc to 15 vdc -12 vdc -15 vdc 24 pin ddip 24 pin squar e table 1. transceiver capabilities 36 pin ddip smiths i/o compatibuility harris int threshold ext macair mil-std- 1553 flatpack model no. single bus-63102 ? ? ? ? ? ? ? single bus-63112 bus-63104 ? ? ? ? ? ? bus-63114 bus-63105 ? ? ? ? ? bus-63106 bus-63107 ? ? ? ? ? bus-63108 bus-63115 ? ? ? ? ? bus-63116 bus-63117 ? ? ? ? ? bus-63118 dual bus-63125 ? ? ? ? ? dual bus-63126 bus-63127 ? ? ? ? ? bus-63128 table 2. transmit operating mode tx data in tx data in tx inhibuit driver output (2) x (1) x h off (3) 0 0 x off 0 1 l on 1 0 l on 1 1 x off notes: (1) x = dont care (2) driver out = tx data out and tx data out. (3) driver output terminals are in the high impedance mode during off time, independent of inhibit status. www.datasheet.co.kr datasheet pdf - http://www..net/
3 figure 2. bus coupling configurations short stub (direct coupled) (1.4:1) 2 3 1 52.5 w 52.5 w 20 ft max bus-25679 bus-25679 20 vpp long stub (transformer coupled) 7 5 or (2:1) (1:1.4) 8 1 3 4 z 0 (70 w, nom) data bus rx bus-25679 28vpp 39vpp rx 1 2 3 8 4 1 ft max 55 w 55 w bus-63105 bus-63115 bus-63125(1) bus-63135(1) tx tx 1 2 3 8 4 1 ft max 55 w 55 w bus-63102 bus-63104 tx tx rx rx (1:1) bus-27765 short stub (direct coupled) 30vpp(bus-63102) 28vpp(bus-63104 long stub (transformer coupled) 2 3 1 52.5 w 52.5 w 20 ft max 7 5 or (1:0.7) 8 1 3 4 (1:1.4) bus-25679 1 2 3 8 4 1 ft max 55 w 55 w bus-63107 bus-63117 bus-63127(1) bus-63137(1) tx tx short stub (direct coupled) (1:0.83) 28vpp bus-29854 33vpp rx rx 2 3 1 52.5 w 52.5 w 20 ft max 7 5 8 1 3 4 long stub (transformer coupled) (1:0.6) (1:1.4) bus-29854 20vpp z 0 (70 w, nom) or bus-25679 bus-27765 21 vpp (bus-63102) 20vpp(bus-63104) notes: (1) one half of dual transceivers shown. (2) bus must be terminated with its characteristic impedance at both ends. (3) only one connection can be made from the transceiver to the mil-std data bus, either long stub or short but not both. www.datasheet.co.kr datasheet pdf - http://www..net/
4 24 pin ddip * 1.400 x 0.805 x 0.200 * 35.56 mm x 20.32 mm x 5.08 x mm * 24 pin square flat pack * 1.275 x 0.775 x 0.175 * 32.36 mm x 19.69 mm x 4.45 x mm * 0.6 oz * 17 (g) * 24 pin square * 1.258 x 1.258 x 0.175 * 31.95 mm x 31.95 mm x 4.45 x mm * 24 pin square flat pack * 1.255 x 1.255 x 0.160 * 31.88 mm x 31.88 mm x 4.06 x mm * 0.6 oz * 17 (g) * mechanical package style dimensions package style dimensions weight 15 v supply * 12 v supply power dissipation hottest die(5) non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) 0.45/0.68 w * 0.85/1.45 w * 1.30/2.23 w * 1.05/1.37 w 1.86/2.49 w 2.48/3.28 w power dissipation single channel transmitting non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) * * * * * * 7.0c/w 30c/w (24 pin ddip) * -55c to +160c * -55c to +125c * -65c to +150c * 40c/w (hottest die) * 21c/w (24 pin square) * thermal operating junction temperature operating case temperature storage temperature thermal inpedance junction to case case to air (typ) 30/45 ma 30/45 ma 30/45 ma 30/45 ma 30/45 ma 30/45 ma power supply requirements non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) 1 ttl * * * 2 ls loads, max * 10 ttl loads, max * logic ttl/cmos compatible all inputs all outputs 0.0 w 0.15/0.18 w 0.30/0.36 w 1 ttl * 1 ttl * ** * * 125 ns, typ * * * * * * * * * * * 1 ls load * 1 ls load * 29 vpk-pk, nom * across 140 ohm load * 280 ns, typ 150 ns, typ 10 mvpk-pk, diff. max * 90 mvpk-pk, max across * 35 ohm load * 10 kohm, min * 5 pf, max * transmitter tx inhibit input level output level(direct coupled) (4) rise/fall time output noise output offset voltage output impedance-non-transmitting output resistance- diff. output capacitance-diff. 0.45/0.68 w * 0.85/1.45 w * 1.30/2.23 w * 0.0 w 0.12/0.15 w 0.24/0.29w 1.28/1.58 w 2.47/3.24 w 3.43/4.40 w 15 v supply 15 v supply 1 ttl * ** 0.56 vpk-pk min, 1.0 vpk-pk max * * * * * * * * * 1 ls load * 40 vpk-pk, diff. max * 0.5 vpk-pk min, 1.0 vpk-pk max * 40 db, min * 7 kohm, min * 5 pf, max * 10 ttl loads * receiver strobe input level threshold level (internal)(2)(3) cmrr input resistance-diff. input capacitance-diff. output fan out 15 v supply * bus-63105 ? bus-63104 bus-63112 bus-63114 single single -15 vdc -15 vdc harris smiths bus-25679 bus-25679 bus-63102 (1) bus-63104 bus-63112 bus-63114 single single 12 vdc to 15 vdc 12 vdc to 15 vdc smiths smiths bus-27765 bus-27765 transceiver number channels power supplies encoder/decoder interface type matching transformer model 12 v supply -15 vdc 5% +5 vdc 10% 20/30 ma 95/130 ma 170/225 ma -12 vdc to -15 vdc 5% +12 vdc to +15 vdc 5% +5 vdc 10% 24/30 ma 85/114 ma 140/180 ma 51/65 ma 118/135 ma 175/195 ma table 3. BUS-63100 series specifications www.datasheet.co.kr datasheet pdf - http://www..net/
5 notes for table 3. (1) on bus-63102, filtering eliminates harmonics above 1 mhz. differential group delay is 35 ns (10 khz-2 mhz). (2) the threshold level, as referred to in this specification, is meant to be the maximum peak-to-peak voltage (measured on the data bus) that can be applied to the receivers input without causing the output to change from the off state. (3) on bus-63102 and bus-63104, external threshold levels are adjustable from 0v to 2v, with two external 10k ohm potentiometers. connect one pot between pin 5 and gnd and the other between pin 12 and gnd. (4) on bus-63102, output level (direct coupled) is 30 v pk-pk. (5) on bus-63102 and bus-63104, hottest die are defined as the driver transistors. * same as value to the left. ? bus-63105 available as military (desc) drawing 5962-86049-02zc ?? bus-63125 and bus-63126 are available as military (desc) drawing 5962-87579. * * * * * * * * * * * * * * * * 12 v supply * 0.39/0.59 w * 0.81/1.36 w * 1.30/2.16 w * * * * * * * * * 30c/w (24 pin ddip) * 20/30 ma 115/155 ma 210/275 ma * * * * 0.39/0.59 w * 0.81/1.36 w * 1.30/2.16 w * * * * * * * * * 115 ns, typ * * * * * * * * * * * * * * * * * * * * * * * * * 12 v supply * bus-63107 bus-63117 bus-63108 bus-63118 single single -12 vdc -12 vdc harris smiths bus-29854 bus-29854 -12 vdc 5% 30/45 ma 30/45 ma 30/45 ma +5 vdc 10% www.datasheet.co.kr datasheet pdf - http://www..net/
6 * * * * * * * * * * * * * * * * 30 pin ddip 1.895 x 0.775 x 0.210 48.13 mm x19.69 mm x 5.33 mm 36 pin flat pack 1.905 x 0.785 x 0.165 48.39 mm x 19.94 mm x 4.19 mm 0.6 oz 17 (g) mechanical package style dimensions package style dimensions weight (each channel) (each channel) (each channel) power dissipation hottest die(5) non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) 0.78/1.18 w 1.20/1.95 w 1.69/2.75 w 0.90/1.35 w 1.30/2.13 w 1.75/2.91 w power dissipation single channel transmitting non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) * * * * * * * * * * * * * 7.0c/w 20c/w (36 pin ddip) thermal operating junction temperature operating case temperature storage temperature thermal inpedance junction to case case to air (typ) 60/90 ma 60/90 ma 60/90 ma 60/90 ma 60/90 ma 60/90 ma 60/90 ma 60/90 ma 60/90 ma power supply requirements non-transmitting-(typ/max) transmitting-50% duty cycle (typ/max) transmitting-100% duty cycle (typ/max) * * * * 2 ls * logic ttl/cmos compatible all inputs all outputs 0.39/0.59 w 0.81/1.36 w 1.30/2.16 w 0.45/0.68 w 0.85/1.45 w 1.30/2.23 w 0.45/0.68 w 0.85/1.45 w 1.30/2.23 w * * * * * * * * * * * * * * * * * * * * 1 ls 1 ls * * 150 ns, typ * * * * * transmitter tx inhibit input level output level(direct coupled) (4) rise/fall time output noise output offset voltage output impedance-non-transmitting output resistance- diff. output capacitance-diff. * * * * * * * * * * * * * * 1 ls * * * * * * receiver strobe input level threshold level (internal)(2)(3) cmrr input resistance-diff. input capacitance-diff. output fan out (total hybrid, one channel transmitting) (total hybrid, one channel transmitting) 0.90/1.35 w 1.30/2.13 w 1.75/2.91 w (total hybrid, one channel transmitting) bus-63127 bus-63128 dual -12 vdc harris bus-29854 bus-63135 bus-63136 dual -15 vdc smiths bus-25679 bus-63125 ?? bus-63126 ?? dual -15 vdc harris bus-25679 transceiver number channels power supplies encoder/decoder interface type matching transformer model -12 vdc 5% -15 vdc 5% -15 vdc 5% (total hybrid) (total hybrid) (total hybrid) table 3. BUS-63100 series specifications (continued) 40/60 ma 135/185 ma 230/305 ma +5 vdc 10% 40/60 ma 115/160 ma 190/255 ma +5 vdc 10% 40/60 ma 115/160 ma 190/255 ma +5 vdc 10% www.datasheet.co.kr datasheet pdf - http://www..net/
7 notes for table 3. (1) on bus-63102, filtering eliminates harmonics above 1 mhz. differential group delay is 35 ns (10 khz-2 mhz). (2) the threshold level, as referred to in this specification, is meant to be the maximum peak-to-peak voltage (measured on the data bus) that can be applied to the receivers input without causing the output to change from the off state. (3) on bus-63102 and bus-63104, external threshold levels are adjustable from 0v to 2v, with two external 10k ohm potentiometers. connect one pot between pin 5 and gnd and the other between pin 12 and gnd. (4) on bus-63102, output level (direct coupled) is 30 v pk-pk. (5) on bus-63102 and bus-63104, hottest die are defined as the driver transistors. * same as value to the left. ? bus-63105 available as military (desc) drawing 5962-86049-02zc ?? bus-63125 and bus-63126 are available as military (desc) drawing 5962-87579. * * * * * * * * (each channel) 0.78/1.18 w 1.20/1.95 w 1.69/2.75 w * * * * * 60/90 ma 60/90 ma 60/90 ma * * 0.39/0.59 w 0.81/1.36 w 1.30/2.16 w * * * * * * * * * * (total hybrid, one channel transmitting) * * * * * * * bus-63137 bus-63138 dual -12 vdc smiths bus-29854 -12 vdc 5% (total hybrid) 40/60 ma 135/185 ma 230/305 ma +5 vdc 10% www.datasheet.co.kr datasheet pdf - http://www..net/
receiver operating mode the receiver section accepts data from a mil-std-1553 data bus when properly coupled through a transformer in either the long stub or short stub configuration. the data is converted to bi-phase ttl and provided to the rx data and rx data output terminals for decoding. applying a logic 1 to the strobe input enables data to pass through to the receiver output(outut enabled). applying a logic 0 to the strobe input turns the receiver output off (output disabled). on bus-63102, bus-63104, bus-63115, bus-63117 and bus-63137 receiver outputs are both at a logic 1 when they are either strobed off, or no signal is being received. this makes these models directly compatible with the smiths type encoder/decoder. typical operating waveforms are shown in figure 3. on all other models, bus-63107, bus-63125 and bus-63127, receiver outputs are both at a logic 0 when they are either strobed off, or no signal is being received. this makes these models directly compatible with the harris type encoder/decoder. typical operating waveforms are shown in figure 4. 8 x x x x x x x x x x x x encoder output tx data in tx data in line-to-line output line-to-line input rx data out rx data out notes: (1) tx data in and rx data out are ttl signals. (2) tx data in inputs must be at opposite logic levels during transmission, and at the same logic level when not transmitting. (3) line-to-line output voltage is measured between tx data out and tx data out. (4) line-to-line output voltage for bus-63102 are sinusoidal waveforms for 1 mhz operating frequency. (5) line-to-line input voltage is measured on the data bus. x x x x x x x x x x x x encoder output tx data in tx data in line-to-line output line-to-line input rx data out rx data out notes: (1) tx data in and rx data out are ttl signals. (2) tx data in inputs must be at opposite logic levels during transmission, and at the same logic level when not transmitting. (3) line-to-line output voltage is measured between tx data out and tx data out. (4) line-to-line input voltage is measured on the data bus. figure 3. typical operating waveforms for smiths-compatible trans- ceiver figure 4. typical operating waveforms for harris-compatible trans- ceiver www.datasheet.co.kr datasheet pdf - http://www..net/
9 figure 5. threshold connections figure 7. bus-63312 and bus-63114 mechanical outline 24-pin square package figure 6. bus-63102 and bus-63104 mechanical outline 24-pin square package table 4. bus-63102, bus63104, 24-pin square and bus-63112, bus63114, 24-pin flat pack pin connections 24 pin square and 24 pin square flat pack trans- 0.0750.005 (1.9050.127) side view 0.0100.002 (0.2540.051) 0.160 max (4.064) 0.0750.005 (1.9050.127) 11 pins equally spaced @0.100-1.100 tolerance non-cumulative (2.54=27.94) 12 13 1 24 top view glass bead of pin 1 is contrasting color 1.255 max (31.877) 0.400(10.16) min(2 plc's) 1.255 max (31.877) 0.0150.003 (0.3810.076) 0.020 r (0.51) 4 places 1.258 max (31.95) 1.100 (27.9) 0.550 (13.9) ref 0.042 dia (1.1) typ 24 13 top view 0.550 (13.9) ref 1.100 (27.9) 0.100 0.002 tolerance non-cumulative 112 0.020 r (0.51) 4 places 1.160 (29.5) side view 0.018 0.002 dia. (0.46 0.06) typ 0.175 max (4.4) 0.250 (6.35) 1.258 max (31.95) pin #1 colorkey -glass bus-63102 bus-63104 bus-63112 bus-63114 5 ext data thresh ext data thresh 12 bus-63102 bus-63104 bus-63112 bus-63114 int data thresh int data thresh external threshold internal threshold 6 11 6 int data thresh 7 rx data out pin function 8 strobe 1 tx data out 9 gnd 2 tx data out 10 rx data out 3 gnd 16 rx data in 4 +12 vdc to +15 vdc 17 gnd 5 ext data thresh 18 gnd (case) 11 int data thresh 19 -12 vdc to -15 vdc 12 ext data thresh 20 + 5 vdc 13 +12 vdc to +15 vdc 14 nc 15 rx data in 21 tx inhibit 22 tx data in 23 tx data in 24 -12 vdc to -15 vdc note: for internal threshold levels, ground pins 6 and 11. for external threshold, connect two 10k ohm pots (one between pin 5 and gnd, and the other between pin 12 and gnd). see figure 5. www.datasheet.co.kr datasheet pdf - http://www..net/
10 24 pin ddip and 24 pin flat pack transceivers table 5. bus-63105, bus63107, bus-63115, bus-63117, 24 pin ddip and bus-63106, bus-63108, bus-63116, bus63118, 24 pin flat pack pin connections figure 9. bus-63106, bus-63108, bus-63116, and bus-63118 mechanical outline 24-pin flat pack figure 8. bus-63105, bus-63107, bus-63115, and bus-63117 mechanical outline 24-pin square ddip top view 0.0100.002 typ (0.2540.051) pin numbers for ref only side view pin 1 denoted by contrasting colored bead 0.775 max (19.685) 24 13 12 1 11 pins equally spaced @0.100=1.100 tolerance non-cumulative 0.100 typ (2.54) 1.275 max (32.385) 0.500 min typ (12.70) 0.0150.003 typ (0.3810.076) 0.0850.010 ref (2.160.254) 0.072 (1.83) 0.175 max (4.45) 1.31 max (33.27) 24 13 1 12 pin numbers for ref only 0.8 max (20.32) 0.170 max 0.600 typ top view 11 pins equally spaced @0 1 00 = 1.100 tolerance non-cumulative (2.54 x 11 = 27.94 0.127) 0.100 typ (2.54) 0.170 max (4.38) 0.025 typ (0.635) 0.230 ref (5.842) 0.40 typ (1.016) side view 0.018 0.002 typ (0.457 0.051) pin no 1 orientation mark nc 24 tx data in 23 tx data in 22 tx inhibit 21 rx data in 15 nc 14 nc 13 + 5 vdc 20 nc 12 -12 vdc or -15 vdc 19 nc 11 gnd 18 nc 5 nc 17 4 rx data in 16 gnd 3 rx data out 10 tx data out 2 gnd 9 tx data out 1 strobe 8 function pin rx data out 7 nc 6 nc www.datasheet.co.kr datasheet pdf - http://www..net/
11 36 pin ddip and 36 pin flat pack transceivers table 6. bus-63125, bus63127, bus-63135, bus-63137, 36-pin ddip and bus-63126, bus-63128, bus-63136, bus63138, 36-pin flat pack pin connections figure 11. bus-63126, bus-63128, bus-63136, and bus-63138 mechanical outline 36-pin flat pack figure 10. bus-63125, bus-63127, bus-63135, and bus-63137 mechanical outline 36-pin ddip 0.0100.002 (0.2540.051) top view 36 18 19 1 0.015 typ (0.381) 0.785 max (20.0) 0.250 min (6.35) 0.100 typ (2.54) 1.905 max (48.4) 0.165 max (4.2) 17 equal spaces @0.100=1.700 tolerance non-cumulative (2.54 = 43.18) side view top view 1 36 19 18 1.7000.005 (43.20.13) 0.090.01 (2.30.25) 1.8950.005 (48.20.13) 0.10.01 (2.50.3) 0.7750.005 (19.70.13) 0.6000.005 (15.20.13) 0.086 typ (2.2) radius dot identifies pin 1 0.21 max (5.3) 0.015 max (0.39) seating plane 0.25 min (6.4) 0.055 typ (1.4) radius 0.0180.002 dia (0.460.06) side view 0.1000.002 tolerance non-cumulative center to center at seating plane 6 strobe * 7 gnd * pin function 8 rx data out * 1 tx data out * 9 gnd (case) * 2 tx data out * 10 tx data out * * 3 gnd * 31 16 gnd * gnd * * 4 nc * 32 17 -12 vdc or -15 vdc * rx data out * * 5 rx data out * 33 18 +5 vdc * nc * 26 25 11 tx data in * * inhibit * * tx data out * * 34 19 inhibit * nc * 27 12 tx data in * * gnd * * 35 20 tx data in * rx data in * * 28 13 nc * nc * 29 14 rx data in * rx data out * * 30 15 rx data in * strobe * * 36 21 tx data in * rx data in * * 22 gnd * * 23 -12 vdc or -15 vdc * * 24 +5 vdc * * notes: (1) -12 vdc for bus-63127, bus-63128, bus-63137, and bus-63138. (2) -15 vdc for bus-63125, bus-63126, bus-63135, and bus-63136 * channel one * * channel two www.datasheet.co.kr datasheet pdf - http://www..net/
ordering information bus-631xx- xx0x supplemental process requirements: s = pre-cap source inspection l = pull test q = pull test and pre-cap inspection k = one lot date code w = one lot date code and precap source y = one lot date code and 100% pull test z = one lot date code, precap source and 100% pull test blank = none of the above process requirements: 0 = standard ddc processing, no burn-in (see page xiii.) 1 = mil-prf-38534 compliant 2 = b* 3 = mil-prf-38534 compliant with pind testing 4 = mil-prf-38534 compliant with solder dip 5 = mil-prf-38534 compliant with pind testing and solder dip 6 = b* with pind testing 7 = b* with solder dip 8 = b* with pind testing and solder dip 9 = standard ddc processing with solder dip, no burn-in (see page xiii.) temperature grade/data requirements: 1 = -55c to +125c 2 = -40c to +85c 3 = 0c to +70c 4 = -55c to +125c with variables test data 5 = -40c to +85c with variables test data 8 = 0c to +70c with variables test data power supply and packaging 5 = -15 v ddip 6 = -15 v flat pack 7 = -12 v ddip 8 = -12 v flat pack encoder/decoder compatibility 0 = compatible with harris encoder/decoder 1 = compatible with smith encoder/decoder *standard ddc processing with burn-in and full temperature. bus-63105 also available as desc drawing 5962-86049-02zc. see figure 2 for mating transformer. ordering information bus-631xx- xx0x supplemental process requirements: s = pre-cap source inspection l = pull test q = pull test and pre-cap inspection k = one lot date code w = one lot date code and precap source y = one lot date code and 100% pull test z = one lot date code, precap source and 100% pull test blank = none of the above process requirements: 0 = standard ddc processing, no burn-in (see page xiii.) 1 = mil-prf-38534 compliant 2 = b* 3 = mil-prf-38534 compliant with pind testing 4 = mil-prf-38534 compliant with solder dip 5 = mil-prf-38534 compliant with pind testing and solder dip 6 = b* with pind testing 7 = b* with solder dip 8 = b* with pind testing and solder dip 9 = standard ddc processing with solder dip, no burn-in (see page xiii.) temperature grade/data requirements: 1 = -55c to +125c 2 = -40c to +85c 3 = 0c to +70c 4 = -55c to +125c with variables test data 5 = -40c to +85c with variables test data 8 = 0c to +70c with variables test data type 2 = universal transceiver (macair and 1553) 12v to 15 v power supply range. compatible with smiths encoder/decoder 4 = 1553, 12v to 15v power supply range, compatible with smiths encoder/decoder packaging 0 = 24-pin square dip 1 = 24-pin square flat pack *standard ddc processing with burn-in and full temperature test. see figure 2 for mating transformer. single transceivers 12 www.datasheet.co.kr datasheet pdf - http://www..net/
ordering information bus-631xx- xx0x supplemental process requirements: s = pre-cap source inspection l = pull test q = pull test and pre-cap inspection k = one lot date code w = one lot date code and precap source y = one lot date code and 100% pull test z = one lot date code, precap source and 100% pull test blank = none of the above process requirements*: 0 = standard ddc processing, no burn-in (see page xiii.) 1 = mil-prf-38534 compliant 2 = b* 3 = mil-prf-38534 compliant with pind testing 4 = mil-prf-38534 compliant with solder dip 5 = mil-prf-38534 compliant with pind testing and solder dip 6 = b** with pind testing 7 = b** with solder dip 8 = b** with pind testing and solder dip 9 = standard ddc processing with solder dip, no burn-in (see page xiii.) temperature grade/data requirements: 1 = -55c to +125c 2 = -40c to +85c 3 = 0c to +70c 4 = -55c to +125c with variables test data 5 = -40c to +85c with variables test data 8 = 0c to +70c with variables test data power supply and packaging 5 = -15 v ddip 6 = -15 v flat pack 7 = -12 v ddip 8 = -12 v flat pack encoder/decoder compatibility 2 = compatible with harris encoder/decoder 3 = compatible with smith encoder/decoder *available as bus-63125-641 (bus-65612 compatible transceiver). **standard ddc processing with burn-in and full temperature test. bus-63125 and bus-63126 are available as desc drawing 5962-86049. see figure 2 for mating transformer. dual transceivers 13 standard ddc processing test mil-std-883 method(s) condition(s) inspection 2009, 2010, 2017, and 2032 seal 1014 a and c temperature cycle 1010 c constant acceleration 2001 a burn-in 1015, table 1 www.datasheet.co.kr datasheet pdf - http://www..net/
notes 14 www.datasheet.co.kr datasheet pdf - http://www..net/
notes 15 www.datasheet.co.kr datasheet pdf - http://www..net/
16 printed in the u.s.a. k-08/98-0 ilc data device corporation registered to iso 9001 file no. a5976 the information in this data sheet is believed to be accurate; however, no responsibility is assumed by data device corporation for its use, and no license or rights are granted by implication or otherwise in connection therewith. specifications are subject to change without notice. 105 wilbur place, bohemia, new york 11716-2482 for technical support - 1-800-ddc-5757 ext. 7257 or 7381 headquarters - tel: (631) 567-5600 ext. 7257 or 7381, fax: (631) 567-7358 southeast - tel: (703) 450-7900, fax: (703) 450-6610 west coast - tel: (714) 895-9777, fax: (714) 895-4988 europe - tel: +44-(0)1635-811140, fax: +44-(0)1635-32264 asia/pacific - tel: +81-(0)3-3814-7688, fax: +81-(0)3-3814-7689 world wide web - http://www.ddc-web.com www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of BUS-63100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X